|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DIOTEC ELECTRONICS CORP. 18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958 Data Sheet No. BRSB-400-1C ABSB-400-1C 4 AMP SILICON BRIDGE RECTIFIERS FEATURES MECHANICAL SPECIFICATION ACTUAL SIZE OF SB4 PACKAGE DT SB404L _ + VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM MECHANICAL STRENGTH AND HEAT DISSIPATION (Solder Voids: Typical < 2%, Max. < 10% of Die Area) BUILT-IN STRESS RELIEF MECHANISM FOR SUPERIOR RELIABILITY AND PERFORMANCE SURGE OVERLOAD RATING TO 200 AMPS PEAK SERIES: SB400L - SB410L ASB404L - ASB408L C D DT SB404L _ + D1 UL RECOGNIZED - FILE #E124962 RoHS COMPLIANT MECHANICAL DATA _ + L1 L B Case: Molded Epoxy (UL Flammability Rating 94V-0) Terminals: Round silver plated copper pins Soldering: Per MIL-STD 202 Method 208 guaranteed ) Polarity: Marked on case Mounting Position: Any. Weight: 0.2 Ounces (5.6 Grams) SYM A A1 B B1 C D D1 L L1 MILLIMETERS MIN 6.4 2.06 1.22 4.57 19.1 15.62 14.38* 27.94 25.4 MAX 6.65 2.18 1.32 5.59 19.3 15.88 n/a n/a n/a INCHES MIN 0.252 0.061 0.048 0.180 0.750 0.615 0.566* 1.2 1.0 MAX 0.262 0.065 0.052 0.220 0.760 0.625 n/a n/a n/a B1 A1 A MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS 2HG A 6F 3(c)! # (c)(c)! #1 (c)(c)& 6! 9 3(c)E #$) ! 71 % ) " )#& 2(c)& 6! 9 (c)(c) 3#3 9 ! # 7 D(c)A @ ! 9 8(c)0 (c)' 7(c) (c)"6! (c) 54 1 % )$1 &! CB 7 ( % ! ' %| 21 )!" 3 ! 0 (c)! ( (c)' ! (c)! #$ (c)" ! (c) ! (c) (c) #! & %$ #! | Series Number 6 Maximum DC Blocking Voltage Working Peak Reverse Voltage Maximum Peak Recurrent Reverse Voltage RMS Reverse Voltage Thermal Energy (Rating for Fusing) Peak Forward Surge Current. Single 60Hz Half-Sine Wave Superimposed on Rated Load (JEDEC Method) T = 150 C Average Forward Rectified Current @ T = 50 C Junction Operating and Storage Temperature Range Minimum Avalanche Voltage Maximum Avalanche Voltage Maximum Forward Voltage (Per Diode) at 4 Amps DC ' & i h g f V Vp It 6D uu Iu IT RQ S8 Typical Thermal Resistance E15 R R ~~n RR vR|Rw ~~w yv~yvnR5RRffz~vp fRRo nfRl~ R } t Rvft~w ~ffxff st ~ m p x x m z }u t t| trw x x m s r zq |z }|{z wu rqp } x{ s x x ~w n vvf| f{ ~vpR~ R~xRn R R f lo R~l~ ~|ft~w Rvyyfvt s fno nlf"8f m s } o z }|{z x wu rqp mk jih g f ~ Junction to Ambient (Note 1) Junction to Lead (Note 2) R R 8 8R 4 53 V2 VOLTS C/W w y 5x 1 (c) @ T = 25 C Maximum Reverse Current at Rated V$ @T = 125 C Minimum Insulation Breakdown Voltage (Circuit to Case) ) ( % (c) I0 u v t S Vy crf85i fd c5 8X sX YX qp hge b a Y (c)"(c)(c) #! V 5RU5RRQ5H WWVT SSPP II (c) V| y Wdab YWV U eVc XV TI , TP O8WN O W8WW1/48DEWAWtWWW81/4W8 II IIE EEC AEA AA AA 3/41/2 d ee o 5EA86 GFD CB@ 97 6v Y yx w Vv OW8O O ut 66 Vt WW5 5688z88zS88S888W~WzvS8v }|{y x w u stqnkhe rp om lj ig fd *W8WWW8WW8WtWWWWW * (R)(R) (c)(c) || o o o i o c o e aWan c c e i 6Ue iii e e e ae a aa a aWaa H6UdUO YUU xUUO x PARAMETER (TEST CONDITIONS) RATINGS SYMBOL UNITS sW rq / VOLTS AMPSu SEC AMPS C VOLTS A DIOTEC ELECTRONICS CORP. 18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958 Data Sheet No. BRSB-400-2C ABSB-400-2C 4 AMP SILICON BRIDGE RECTIFIERS RATING & CHARACTERISTIC CURVES FOR SERIES SB400L - SB410L and SERIES ASB404L - ASB408L EE n~E 5.0 Average Forward Current, Io (Amperes) 4.0 Peak Forward Surge Current (Amperes) 3.0 2.0 1.0 Ambient Temperature, C FIGURE 1. FORWARD CURRENT DERATING CURVE Number of Cycles at 60 Hz FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT Instantaneous Reverse Current, I (Microamperes) Instantaneous Forward Current Amperes 10 NOTE 3 1.0 0.1 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 Percent of Rated Peak Reverse Voltage FIGURE 4. TYPICAL REVERSE CHARACTERISTICS Instantaneous Forward Voltage (Volts) FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE NOTES NOTE 4 (1) Bridge Mounted on 3.0" Sq. x 0.11" Thick (7.5cm Sq. x 015cm) Aluminum Plate (2) T = 150 C (3) T = 25 C; Pulse Width = 300mSec; 1%Duty Cycle (4) T = 25 C; f = 1 MHz; Vsig = 50mVp-p ~* 1/2 R 1/4 A A A A A A Capacitance, pF Reverse Voltage, (Volts) FIGURE 5. TYPICAL JUNCTION CAPACITANCE PER DIODE (c) | E16 EnE E U RYU iie ~i~e~ae eee c C AE a na c~ni ooooo o a ~a yuu c~yon/ u u a ~a A U nU 0 0 50 100 150 O nx 60Hz Resistive or Inductive Loads II nI N nI OO nO OO nO NOTE 1 NOTE 2 y y | (c) | ~~ ~ ~ ~ (R) ~~3/4 A |
Price & Availability of SB401L |